Part Number Hot Search : 
A105K C1602 SDS511G 314024 GM78R09 7824ACT 10RIA40 TC1232
Product Description
Full Text Search
 

To Download P6SMB27A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low profile package ? built-in strain relief ? glass passivated junction ? excellent clamping capability ? typical i r less than 1ua above 10v xxx = specific device code g = green compound y = year m = work month maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol unit p pk watts p d watts t j , t stg /w note 4: v f =3.5v on p6smb6.8 thru p6smb91 devices and v f =5.0v on p6smb100 thru p6smb220 device. steady state power dissipation 3 typical thermal resistance r jc r ja 10 55 v f 3.5 / 5.0 volts 2. electrical characterstics apply in both directions -65 to +150 peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method)(note 2, 3) - unidirectional only i fsm note 1: non-repetitive current pulse per fig. 3 and derated above t a =25 per fig. 2 note 2: mounted on 10 x 10mm (.035mm think) copper pads to each terminal note 3: 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum 100 amps maximum instantaneous forward voltage at 50.0a for unidirectional only (note 4) p6smb series 600 watts suface mount transient voltage suppressor marking diagram smb/do-214aa dimensions in inches and (millimeters) ? weight: 0.093 gram type number operating and storage temperature range peak power dissipation at t a =25 , tp=1ms(note 1) devices for bipolar applications version:e11 1. for bidrectional use c or ca suffix for types p6smb6.8 through types p6smb220a features ? polarity: indicated by cathode band mechanical data ? terminals: pure tin plated, lead free ? case: molded plastic ? 600 watts peak pulse power capability with a 10 / 1000 us waveform ? green compound with suffix "g" on packing code & prefix "g" on datecode minimum 600 value ? packaging: 12mm tape per eia std rs-481 ? for surface mounted application in order to optimize board space ? fast response time: typically less than 1.0ps from 0 volt to bv min ? high temperature soldering guaranteed: 260 / 10 seconds at terminals ? plastic material used carried underwriters laboratory flammability classification 94v-0 pb rohs compliance rohs compliance
version:e11 ratings and characteristic curves (p6smb series) fig.2 pulse derating curve 0 25 50 75 100 125 0 25 50 75 100 125 150 175 200 t a , ambient temperature ( o c) peak pulse power(p pp ) or current (i pp ) a derating in percentage (%) fig. 4 maximum non-repetitive forward surge current unidirectional only 10 100 1 10 100 number of cycles at 60 hz ifsm, peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 3 clamping power pulse waveform 0 20 40 60 80 100 120 140 0 0.5 1 1.5 2 2.5 3 3.5 4 t, time ms peak pulse current (%) td peak value ippm tr=10use half value- 10/1000sec, waveform as defined by r.e.a. pulse width(td) is defined as the point where the peak current decays to 50% of ippm fig. 5 typical junction capacitance 10 100 1000 10000 1 10 100 v( br ), breakdown voltage (v) cj, junction c apacitance (pf) a ta=25 f=1.0mhz vsig=50mvp-p vr=0 measured at stand-off voltage,vwm fig. 1 peak pulse power rating curve 0.1 1 10 100 0.1 1 10 100 1000 10000 tp, pulse width, (us) p ppm , peak pulse power, kw non-repetitive pulse waveform shown in fig.3 ta = 25
test stand-off maximum maximum maximum maximum current voltage reverse leakage peak pulse clamping voltag e temperature it v wm @ v wm current i rsm @ ippm coefficient min max (ma) (v) id (ua) (a) (note 2) vc(v) of vbr(%/ ) p6smb6.8 kdj 6.12 7.48 10 5.50 1000 58 10.8 0.057 p6smb6.8a kej 6.46 7.14 10 5.80 1000 60 10.5 0.057 p6smb7.5 kfj 6.75 8.25 10 6.05 500 53 11.7 0.061 p6smb7.5a kgj 7.13 7.88 10 6.40 500 55 11.3 0.061 p6smb8.2 khj 7.38 9.02 10 6.63 200 50 12.5 0.065 p6smb8.2a kkj 7.79 8.61 10 7.02 200 52 12.1 0.065 p6smb9.1 klj 8.19 10.00 1.0 7.37 50 45 13.8 0.068 p6smb9.1a kmj 8.65 9.55 1.0 7.78 50 47 13.4 0.068 p6smb10 knj 9.00 11.00 1.0 8.10 10 42 15.0 0.073 p6smb10a kpj 9.50 10.5 1.0 8.55 10 43 14.5 0.073 p6smb11 kqj 9.90 12.1 1.0 8.92 5.0 38 16.2 0.075 p6smb11a krj 10.5 11.6 1.0 9.40 5.0 40 15.6 0.075 p6smb12 ksj 10.8 13.2 1.0 9.72 5.0 36 17.3 0.078 p6smb12a ktj 11.4 12.6 1.0 10.2 5.0 37 16.7 0.078 p6smb13 kuj 11.7 14.3 1.0 10.5 5.0 33 19.0 0.081 p6smb13a kvj 12.4 13.7 1.0 11.1 5.0 34 18.2 0.081 p6smb15 kwj 13.5 16.5 1.0 12.1 5.0 28 22.0 0.084 p6smb15a kxj 14.3 15.8 1.0 12.8 5.0 29 21.2 0.084 p6smb16 kyj 14.4 17.6 1.0 12.9 5.0 26 23.5 0.086 p6smb16a kzj 15.2 16.8 1.0 13.6 5.0 28 22.5 0.086 p6smb18 ldj 16.2 19.8 1.0 14.5 5.0 23 26.5 0.088 p6smb18a lej 17.1 18.9 1.0 15.3 5.0 25 25.5 0.088 p6smb20 lfj 18.0 22.0 1.0 16.2 5.0 21 29.1 0.090 p6smb20a lgj 19.0 21.0 1.0 17.1 5.0 22 27.7 0.090 p6smb22 lhj 19.8 24.2 1.0 17.8 5.0 19 31.9 0.092 p6smb22a lkj 20.9 23.1 1.0 18.8 5.0 20 30.6 0.092 p6smb24 llj 21.6 26.4 1.0 19.4 5.0 18 34.7 0.094 p6smb24a lmj 22.8 25.2 1.0 20.5 5.0 19 33.2 0.094 p6smb27 lnj 24.3 29.7 1.0 21.8 5.0 16 39.1 0.096 P6SMB27A lpj 25.7 28.4 1.0 23.1 5.0 16.8 37.5 0.096 p6smb30 lqj 27.0 33.0 1.0 24.3 5.0 14 43.5 0.097 p6smb30a lrj 28.5 31.5 1.0 25.6 5.0 15 41.4 0.097 p6smb33 lsj 29.7 36.3 1.0 26.8 5.0 13 47.7 0.098 p6smb33a ltj 31.4 34.7 1.0 28.2 5.0 13.8 45.7 0.098 p6smb36 luj 32.4 39.6 1.0 29.1 5.0 12 52.0 0.099 p6smb36a lvj 34.2 37.8 1.0 30.8 5.0 12.6 49.9 0.099 p6smb39 lwj 35.1 42.9 1.0 31.6 5.0 11.1 56.4 0.100 p6smb39a lxj 37.1 41.0 1.0 33.3 5.0 11.6 53.9 0.100 p6smb43 lyj 38.7 47.3 1.0 34.8 5.0 10 61.9 0.101 p6smb43a lzj 40.9 45.2 1.0 36.8 5.0 10.6 59.3 0.101 p6smb47 mdj 42.3 51.7 1.0 38.1 5.0 9.2 67.8 0.101 p6smb47a mej 44.7 49.4 1.0 40.2 5.0 9.7 64.8 0.101 p6smb51 mfj 45.9 56.1 1.0 41.3 5.0 8.5 73.5 0.102 p6smb51a mgj 48.5 53.6 1.0 43.6 5.0 8.9 70.1 0.102 p6smb56 mhj 50.4 61.6 1.0 45.4 5.0 7.8 80.5 0.103 p6smb56a mkj 53.2 58.8 1.0 47.8 5.0 8.1 77.0 0.103 p6smb62 mlj 55.8 68.2 1.0 50.2 5.0 7.0 89.0 0.104 p6smb62a mmj 58.9 65.1 1.0 53.0 5.0 7.4 85.0 0.104 p6smb68 mnj 61.2 74.8 1.0 55.1 5.0 6.4 98.0 0.104 p6smb68a mpj 64.6 71.4 1.0 58.1 5.0 6.8 92.0 0.104 p6smb75 mqj 67.5 82.5 1.0 60.7 5.0 5.8 108 0.105 p6smb75a mrj 71.3 78.8 1.0 64.1 5.0 6.1 103 0.105 p6smb82 msj 73.8 90.2 1.0 66.4 5.0 5.3 118 0.105 p6smb82a mtj 77.9 86.1 1.0 70.1 5.0 5.5 113 0.105 p6smb91 muj 81.9 100 1.0 73.7 5.0 4.8 131 0.106 p6smb91a mvj 86.5 95.5 1.0 77.8 5.0 5.0 125 0.106 version:e11 electrical characteristics (ta=25 unless otherwise noted) device marking code breakdown voltage vbr (v) (note 1) device
test stand-off maximum maximum maximum maximum current voltage reverse leakage peak pulse clamping voltag e temperature it v wm @ v wm current i rsm @ ippm coefficient min max (ma) (v) id (ua) (a) (note 2) vc(v) of vbr(%/ ) p6smb100 mwj 90 110 1.0 81.0 5.0 4.3 144 0.106 p6smb100a mxj 95 105 1.0 85.5 5.0 4.5 137 0.106 p6smb110 myj 99 121 1.0 89.2 5.0 3.9 158 0.107 p6smb110a mzj 105 116 1.0 94.0 5.0 4.1 152 0.107 p6smb120 ndj 108 132 1.0 97.2 5.0 3.6 173 0.107 p6smb120a nej 114 126 1.0 102.0 5.0 3.8 165 0.107 p6smb130 nfj 117 143 1.0 105.0 5.0 3.3 187 0.107 p6smb130a ngj 124 137 1.0 111.0 5.0 3.5 179 0.107 p6smb150 nhj 135 165 1.0 121.0 5.0 2.9 215 0.108 p6smb150a nkj 143 158 1.0 128.0 5.0 3.0 207 0.108 p6smb160 nlj 144 176 1.0 130.0 5.0 2.7 230 0.108 p6smb160a nmj 152 168 1.0 136.0 5.0 2.8 219 0.108 p6smb170 nnj 153 187 1.0 138.0 5.0 2.5 244 0.108 p6smb170a npj 162 179 1.0 145.0 5.0 2.6 234 0.108 p6smb180 nqj 162 198 1.0 146.0 5.0 2.4 258 0.108 p6smb180a nrj 171 189 1.0 154.0 5.0 2.5 246 0.108 p6smb200 nsj 180 220 1.0 162.0 5.0 2.1 287 0.108 p6smb200a ntj 190 210 1.0 171.0 5.0 2.2 274 0.108 p6smb220 nuj 198 242 1.0 175.0 5.0 1.8 342 0.108 p6smb220a nvj 209 231 1.0 185.0 5.0 1.9 328 0.108 notes: 1. v br measure after i t applied for 300us, i t =square wave pulse or equivalent. 2. surge current waveform per figure. 3 and derate per figure. 2. 3. for bipolar types having v wm of 10 volts and under, the i d limit is doubled. 4. for bidirectional use c or ca suffix for types p6smb6.8 through p6smb220a. 5. all terms and symbols are consistent with ansi/ieee c62.35. version:e11 electrical characteristics (ta=25 unless otherwise noted) device device marking code breakdown voltage vbr (v) (note 1)


▲Up To Search▲   

 
Price & Availability of P6SMB27A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X